Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 402 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 402 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 398Page - Renesas Technology Corp H8S/2424 Datasheet HTML 399Page - Renesas Technology Corp H8S/2424 Datasheet HTML 400Page - Renesas Technology Corp H8S/2424 Datasheet HTML 401Page - Renesas Technology Corp H8S/2424 Datasheet HTML 402Page - Renesas Technology Corp H8S/2424 Datasheet HTML 403Page - Renesas Technology Corp H8S/2424 Datasheet HTML 404Page - Renesas Technology Corp H8S/2424 Datasheet HTML 405Page - Renesas Technology Corp H8S/2424 Datasheet HTML 406Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 374 of 1270
REJ09B0466-0100
7.5.10
DMA Transfer (Single Address Mode) Bus Cycles
(1)
Single Address Mode (Read)
Figure 7.26 shows a transfer example in which
TEND output is enabled and byte-size single
address mode transfer (read) is performed from external 8-bit, 2-state access space to an external
device.
DMA read
Address bus
φ
DMA
dead
RD
DACK
TEND
Bus
release
DMA read
DMA read
DMA read
Bus
release
Bus
release
Bus
release
Bus
release
Last transfer
cycle
Figure 7.26 Example of Single Address Mode Transfer (Byte Read)
Figure 7.27 shows a transfer example in which
TEND output is enabled and word-size single
address mode transfer (read) is performed from external 8-bit, 2-state access space to an external
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com