Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 401Page - Renesas Technology Corp H8S/2424 Datasheet HTML 402Page - Renesas Technology Corp H8S/2424 Datasheet HTML 403Page - Renesas Technology Corp H8S/2424 Datasheet HTML 404Page - Renesas Technology Corp H8S/2424 Datasheet HTML 405Page - Renesas Technology Corp H8S/2424 Datasheet HTML 406Page - Renesas Technology Corp H8S/2424 Datasheet HTML 407Page - Renesas Technology Corp H8S/2424 Datasheet HTML 408Page - Renesas Technology Corp H8S/2424 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 377 of 1270
REJ09B0466-0100
DMA write
Address bus
φ
DMA write
DMA write
DMA
dead
HWR
TEND
DACK
Bus
release
LWR
Bus
release
Bus
release
Bus
release
Last transfer
cycle
Figure 7.29 Example of Single Address Mode Transfer (Word Write)
A byte or word transfer is performed for a single transfer request, and after the transfer, the bus is
released. While the bus is released, one or more bus cycles are executed by the CPU or DTC.
In the transfer end cycle (the cycle in which the transfer counter reaches 0), a one-state DMA dead
cycle is inserted after the DMA write cycle.
(3)
DREQ Pin Falling Edge Activation Timing
Set the DTA bit in DMABCRH to 1 for the channel for which the
DREQ pin is selected.
Figure 7.30 shows an example of single address mode transfer activated by the
DREQ pin falling
edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com