Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 412Page - Renesas Technology Corp H8S/2424 Datasheet HTML 413Page - Renesas Technology Corp H8S/2424 Datasheet HTML 414Page - Renesas Technology Corp H8S/2424 Datasheet HTML 415Page - Renesas Technology Corp H8S/2424 Datasheet HTML 416Page - Renesas Technology Corp H8S/2424 Datasheet HTML 417Page - Renesas Technology Corp H8S/2424 Datasheet HTML 418Page - Renesas Technology Corp H8S/2424 Datasheet HTML 419Page - Renesas Technology Corp H8S/2424 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 388 of 1270
REJ09B0466-0100
7.7
Usage Notes
(1)
DMAC Register Access during Operation
Except for forced termination of the DMAC, the operating (including transfer waiting state)
channel setting should not be changed. The operating channel setting should only be changed
when transfer is disabled. Also, DMAC registers should not be written to in a DMA transfer.
DMAC register reads during operation (including the transfer waiting state) are described below.
• DMAC control starts one cycle before the bus cycle, with output of the internal address.
Consequently, MAR is updated in the bus cycle before DMA transfer. Figure 7.39 shows an
example of the update timing for DMAC registers in dual address transfer mode.
[1] Transfer source address register MAR operation (incremented/decremented/fixed)
Transfer counter ETCR operation (decremented)
Block size counter ETCR operation (decremented in block transfer mode)
[2] Transfer destination address register MAR operation (incremented/decremented/fixed)
[2']Transfer destination address register MAR operation (incremented/decremented/fixed)
Block transfer counter ETCR operation (decremented, in last transfer cycle of
a block in block transfer mode)
[3] Transfer address register MAR restore operation (in block or repeat transfer mode)
Transfer counter ETCR restore (in repeat transfer mode)
Block size counter ETCR restore (in block transfer mode)
Note: In single address transfer mode, the update timing is the same as [1].
The MAR operation is post-incrementing/decrementing of the DMA internal address value.
DMA transfer cycle
DMA read
DMA read
DMA write
DMA write
DMA
dead
DMA Internal
address
φ
DMA control
DMA register
operation
DMA last transfer cycle
Transfer
destination
Transfer
destination
Transfer
source
Transfer
source
Idle
Idle
Idle
Read
Read
Dead
Write
Write
[3]
[2']
[2]
[1]
[1]
Figure 7.39 DMAC Register Update Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com