Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 414Page - Renesas Technology Corp H8S/2424 Datasheet HTML 415Page - Renesas Technology Corp H8S/2424 Datasheet HTML 416Page - Renesas Technology Corp H8S/2424 Datasheet HTML 417Page - Renesas Technology Corp H8S/2424 Datasheet HTML 418Page - Renesas Technology Corp H8S/2424 Datasheet HTML 419Page - Renesas Technology Corp H8S/2424 Datasheet HTML 420Page - Renesas Technology Corp H8S/2424 Datasheet HTML 421Page - Renesas Technology Corp H8S/2424 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 390 of 1270
REJ09B0466-0100
(3)
Write Data Buffer Function
When the WDBE bit of BCR in the bus controller is set to 1, enabling the write data buffer
function, dual address transfer external write cycles or single address transfers and internal
accesses (on-chip memory or internal I/O registers) are executed in parallel.
• Write data buffer function and DMAC register setting
If the setting of a register that controls external accesses is changed during execution of an
external access by means of the write data buffer function, the external access may not be
performed normally. Registers that control external accesses should only be manipulated when
external reads, etc., are used with DMAC operation disabled, and the operation is not
performed in parallel with external access.
• Write data buffer function and next DMAC operation
The DMAC can start its next operation during external access using the write data buffer
function. Consequently, the
DREQ pin sampling timing, TEND output timing, etc., are
different from the case in which the write data buffer function is disabled. Also, internal bus
cycles maybe hidden, and not visible.
(4)
TEND Output
If the last transfer cycle is for an internal address, note that even if low-level output at the
TEND
pin has been set, a low level may not be output at the
TEND pin under the following external bus
conditions since the last transfer cycle (internal bus cycle) and the external bus cycle are executed
in parallel.
1. EXDMAC cycle
2. Write cycle with write buffer mode enabled
3. DMAC single address cycle for a different channel with write buffer mode enabled
4. Bus release cycle
5. CBR refresh cycle
Figure 7.41 shows an example in which a low level is not output from the
TEND pin in case 2
above.
If the last transfer cycle is an external address cycle, a low level is output at the
TEND pin in
synchronization with the bus cycle.
However, if the last transfer cycle and a CBR refresh occur simultaneously, note that although the
CBR refresh and the last transfer cycle may be executed consecutively,
TEND may also go low in
this case for the refresh cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com