Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 424 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 424 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 420Page - Renesas Technology Corp H8S/2424 Datasheet HTML 421Page - Renesas Technology Corp H8S/2424 Datasheet HTML 422Page - Renesas Technology Corp H8S/2424 Datasheet HTML 423Page - Renesas Technology Corp H8S/2424 Datasheet HTML 424Page - Renesas Technology Corp H8S/2424 Datasheet HTML 425Page - Renesas Technology Corp H8S/2424 Datasheet HTML 426Page - Renesas Technology Corp H8S/2424 Datasheet HTML 427Page - Renesas Technology Corp H8S/2424 Datasheet HTML 428Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 396 of 1270
REJ09B0466-0100
8.3
Register Descriptions
The EXDMAC has the following registers.
• EXDMA source address register_2 (EDSAR_2)
• EXDMA destination address register_2 (EDDAR_2)
• EXDMA transfer count register_2 (EDTCR_2)
• EXDMA mode control register_2 (EDMDR_2)
• EXDMA address control register_2 (EDACR_2)
• EXDMA source address register_3 (EDSAR_3)
• EXDMA destination address register_3 (EDDAR_3)
• EXDMA transfer count register_3 (EDTCR_3)
• EXDMA mode control register_3 (EDMDR_3)
• EXDMA address control register_3 (EDACR_3)
8.3.1
EXDMA Source Address Register (EDSAR)
EDSAR is a 32-bit readable/writable register that specifies the transfer source address. An address
update function is provided that updates the register contents to the next transfer source address
each time transfer processing is performed. In single address mode, the EDSAR value is ignored
when a device with
DACK is specified as the transfer source.
The upper 8 bits of EDSAR are reserved; they are always read as 0 and cannot be modified. Only
0 should be written to these bits.
EDSAR can be read at all times by the CPU. When reading EDSAR for a channel on which
EXDMA transfer processing is in progress, a longword-size read must be executed. Do not write
to EDSAR for a channel on which EXDMA transfer is in progress. The initial values of EDSAR
are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com