Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 423Page - Renesas Technology Corp H8S/2424 Datasheet HTML 424Page - Renesas Technology Corp H8S/2424 Datasheet HTML 425Page - Renesas Technology Corp H8S/2424 Datasheet HTML 426Page - Renesas Technology Corp H8S/2424 Datasheet HTML 427Page - Renesas Technology Corp H8S/2424 Datasheet HTML 428Page - Renesas Technology Corp H8S/2424 Datasheet HTML 429Page - Renesas Technology Corp H8S/2424 Datasheet HTML 430Page - Renesas Technology Corp H8S/2424 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 399 of 1270
REJ09B0466-0100
8.3.4
EXDMA Mode Control Register (EDMDR)
EDMDR controls EXDMAC operations.
Bit
Bit Name
Initial Value
R/W
Description
15
EDA
0
R/(W)
EXDMA Active
Enables or disables data transfer on the
corresponding channel. When this bit is set to 1,
this indicates that an EXDMA operation is in
progress.
When auto request mode is specified (by bits MDS1
and MDS0), transfer processing begins when this
bit is set to 1. With external requests, transfer
processing begins when a transfer request is issued
after this bit has been set to 1. When this bit is
cleared to 0 during an EXDMA operation, transfer is
halted. If this bit is cleared to 0 during an EXDMA
operation in block transfer mode, transfer
processing is continued for the currently executing
one-block transfer, and the bit is cleared on
completion of the currently executing one-block
transfer.
If an external source that ends (aborts) transfer
occurs, this bit is automatically cleared to 0 and
transfer is terminated. Do not change the operating
mode, transfer method, or other parameters while
this bit is set to 1.
0: Data transfer disabled on corresponding channel
[Clearing conditions]
• When the specified number of transfers end
• When operation is halted by a repeat area
overflow interrupt
• When 0 is written to EDA while EDA = 1
(In block transfer mode, write is effective after
end of one-block transfer)
• Reset, NMI interrupt, hardware standby mode
1: Data transfer enabled on corresponding channel
Note:
The value written in the EDA bit may not be
effective immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com