Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 446Page - Renesas Technology Corp H8S/2424 Datasheet HTML 447Page - Renesas Technology Corp H8S/2424 Datasheet HTML 448Page - Renesas Technology Corp H8S/2424 Datasheet HTML 449Page - Renesas Technology Corp H8S/2424 Datasheet HTML 450Page - Renesas Technology Corp H8S/2424 Datasheet HTML 451Page - Renesas Technology Corp H8S/2424 Datasheet HTML 452Page - Renesas Technology Corp H8S/2424 Datasheet HTML 453Page - Renesas Technology Corp H8S/2424 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 422 of 1270
REJ09B0466-0100
When EDDAR is read during a transfer operation, a longword access must be used. During a
transfer operation, EDDAR may be updated without regard to accesses from the CPU, and the
correct values may not be read if the upper and lower words are read separately. In a longword
access, the EXDMAC buffers the EDDAR value to ensure that the correct value is output.
Do not write to EDDAR for a channel on which a transfer operation is in progress.
(3)
EXDMA Transfer Count Register (EDTCR)
When a DMA transfer is performed, the value in EDTCR is decremented by 1. However, when the
EDTCR value is 0, transfers are not counted and the EDTCR value does not change.
EDTCR functions differently in block transfer mode. The upper 8 bits, EDTCR[23:16], are used to
specify the block size, and their value does not change. The lower 16 bits, EDTCR[15:0], function
as a transfer counter, the value of which is decremented by 1 when a DMA transfer is performed.
However, when the EDTCR[15:0] value is 0, transfers are not counted and the EDTCR[15:0]
value does not change.
In normal transfer mode, all of the lower 24 bits of EDTCR may change, so when EDTCR is read
by the CPU during DMA transfer, a longword access must be used. During a transfer operation,
EDTCR may be updated without regard to accesses from the CPU, and the correct values may not
be read if the upper and lower words are read separately. In a longword access, the EXDMAC
buffers the EDTCR value to ensure that the correct value is output.
In block transfer mode, the upper 8 bits are never updated, so there is no problem with using word
access.
Do not write to EDTCR for a channel on which a transfer operation is in progress. If there is
contention between an address update associated with DMA transfer and a write by the CPU, the
CPU write has priority.
In the event of contention between an EDTCR update from 1 to 0 and a write (of a nonzero value)
by the CPU, the CPU write value has priority as the EDTCR value, but transfer is terminated.
Transfer does not end if the CPU writes 0 to EDTCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com