Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 453 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 453 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 449Page - Renesas Technology Corp H8S/2424 Datasheet HTML 450Page - Renesas Technology Corp H8S/2424 Datasheet HTML 451Page - Renesas Technology Corp H8S/2424 Datasheet HTML 452Page - Renesas Technology Corp H8S/2424 Datasheet HTML 453Page - Renesas Technology Corp H8S/2424 Datasheet HTML 454Page - Renesas Technology Corp H8S/2424 Datasheet HTML 455Page - Renesas Technology Corp H8S/2424 Datasheet HTML 456Page - Renesas Technology Corp H8S/2424 Datasheet HTML 457Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 453 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 425 of 1270
REJ09B0466-0100
(5)
BEF Bit in EDMDR
In block transfer mode, the specified number of transfers (equivalent to the block size) is
performed in response to a single transfer request. To ensure that the correct number of transfers is
carried out, a block-size transfer is always executed, except in the event of a reset, transition to
standby mode, or generation of an NMI interrupt.
If an NMI interrupt is generated during block transfer, operation is halted midway through a
block-size transfer and the EDA bit is cleared to 0, terminating the transfer operation. In this case
the BEF bit, which indicates the occurrence of an error during block transfer, is set to 1.
(6)
IRF Bit in EDMDR
The IRF bit in EDMDR is set to 1 when an interrupt request source occurs. If the EDIE bit in
EDMDR is 1 at this time, an interrupt is requested.
The timing for setting the IRF bit to 1 is when the EDA bit in EDMDR is cleared to 0 and transfer
ends following the end of the DMA transfer bus cycle in which the source generating the interrupt
occurred.
If the EDA bit is set to 1 and transfer is resumed during interrupt handling, the IRF bit is
automatically cleared to 0 and the interrupt request is cleared.
For details on interrupts, see section 8.5, Interrupt Sources.
8.4.8
Channel Priority Order
The priority order of the EXDMAC channels is: channel 2 > channel 3. Table 8.3 shows the
EXDMAC channel priority order.
Table 8.3
EXDMAC Channel Priority Order
Channel
Priority
Channel 2
High
Channel 3
Low
If transfer requests occur simultaneously for a number of channels, the highest-priority channel
according to the priority order in table 8.3 is selected for transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com