Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 452Page - Renesas Technology Corp H8S/2424 Datasheet HTML 453Page - Renesas Technology Corp H8S/2424 Datasheet HTML 454Page - Renesas Technology Corp H8S/2424 Datasheet HTML 455Page - Renesas Technology Corp H8S/2424 Datasheet HTML 456Page - Renesas Technology Corp H8S/2424 Datasheet HTML 457Page - Renesas Technology Corp H8S/2424 Datasheet HTML 458Page - Renesas Technology Corp H8S/2424 Datasheet HTML 459Page - Renesas Technology Corp H8S/2424 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 428 of 1270
REJ09B0466-0100
8.4.9
EXDMAC Bus Cycles (Dual Address Mode)
(1)
Normal Transfer Mode (Cycle Steal Mode)
Figure 8.15 shows an example of transfer when
ETEND output is enabled, and word-size, normal
transfer mode (cycle steal mode) is performed from external 16-bit, 2-state access space to
external 16-bit, 2-state access space.
After one byte or word has been transferred, the bus is released. While the bus is released, one
CPU, DMAC, or DTC bus cycle is initiated.
DMA read
RD
HWR
ETEND
LWR
DMA write
DMA read DMA write
DMA read DMA write
Address bus
φ
Bus
release
Bus
release
Bus
release
Bus
release
Last transfer
cycle
Figure 8.15 Example of Normal Transfer Mode (Cycle Steal Mode) Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com