Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 451Page - Renesas Technology Corp H8S/2424 Datasheet HTML 452Page - Renesas Technology Corp H8S/2424 Datasheet HTML 453Page - Renesas Technology Corp H8S/2424 Datasheet HTML 454Page - Renesas Technology Corp H8S/2424 Datasheet HTML 455Page - Renesas Technology Corp H8S/2424 Datasheet HTML 456Page - Renesas Technology Corp H8S/2424 Datasheet HTML 457Page - Renesas Technology Corp H8S/2424 Datasheet HTML 458Page - Renesas Technology Corp H8S/2424 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 427 of 1270
REJ09B0466-0100
The selected channel begins transfer after the currently transferring channel releases the bus. If
there is a bus request from a bus master other than the EXDMAC at this time, a cycle for the other
bus master is initiated. If there is no other bus request, the bus is released for one cycle.
Figure 8.14 shows examples of transfer timing in cases that include auto request cycle steal mode.
Channel 2
Channel 2
Channel 2
Channel 3
Channel 3
Bus
Conditions (1)
Channel 2: Auto request, cycle steal mode
Channel 3: External request, cycle steal mode, low level activation
Channel 2
EDA bit
Channel 3/
EDREQ3 pin
Channel 3
Channel 3
Channel 2
Channel 2
Channel 3
Channel 2
Bus
Conditions (2)
Channel 2: External request, cycle steal mode, low level activation
Channel 3: Auto request, cycle steal mode
Channel 2/
EDREQ2 pin
Channel 2
EDA bit
Channel 3
Channel 3
Channel 2
Channel 3
Channel 2
Bus
Conditions (3)
Channel 2: Auto request, cycle steal mode
Channel 3: Auto request, cycle steal mode
*: Bus release
Channel 2
EDA bit
Channel 3
EDA bit
*
*
**
**
*
**
*
*
**
*
*
Figure 8.14 Examples of Channel Priority Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com