Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 461Page - Renesas Technology Corp H8S/2424 Datasheet HTML 462Page - Renesas Technology Corp H8S/2424 Datasheet HTML 463Page - Renesas Technology Corp H8S/2424 Datasheet HTML 464Page - Renesas Technology Corp H8S/2424 Datasheet HTML 465Page - Renesas Technology Corp H8S/2424 Datasheet HTML 466Page - Renesas Technology Corp H8S/2424 Datasheet HTML 467Page - Renesas Technology Corp H8S/2424 Datasheet HTML 468Page - Renesas Technology Corp H8S/2424 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 437 of 1270
REJ09B0466-0100
Figure 8.25 shows an example of transfer when
ETEND output is enabled, and word-size, single
address mode transfer (write) is performed from an external device to external 8-bit, 2-state access
space.
DMA write
HWR
ETEND
Address bus
φ
Bus release
Bus release
Bus
release
Last transfer cycle
EDACK
Bus release
DMA write
DMA write
LWR
Figure 8.25 Example of Single Address Mode (Word Write) Transfer
After one byte or word has been transferred in response to one transfer request, the bus is released.
While the bus is released, one or more CPU, DMAC, or DTC bus cycles are initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com