Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 462Page - Renesas Technology Corp H8S/2424 Datasheet HTML 463Page - Renesas Technology Corp H8S/2424 Datasheet HTML 464Page - Renesas Technology Corp H8S/2424 Datasheet HTML 465Page - Renesas Technology Corp H8S/2424 Datasheet HTML 466Page - Renesas Technology Corp H8S/2424 Datasheet HTML 467Page - Renesas Technology Corp H8S/2424 Datasheet HTML 468Page - Renesas Technology Corp H8S/2424 Datasheet HTML 469Page - Renesas Technology Corp H8S/2424 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 438 of 1270
REJ09B0466-0100
(3)
EDREQ Pin Falling Edge Activation Timing
Figure 8.26 shows an example of single address mode transfer activated by the
EDREQ pin falling
edge.
DMA single
Address bus
φ
EDREQ
Idle
Bus release
DMA control
Channel
Transfer source/
destination
Transfer source/
destination
Bus release
Idle
DMA single Bus release
Single
Single
Idle
EDACK
[1]
[3]
[2]
[4]
[6]
[5]
[7]
Acceptance
resumed
Acceptance
resumed
[1]
Acceptance after transfer enabling;
EDREQ pin low level is sampled at rise of φ, and request is held.
[2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC.
[3], [6] DMA cycle start;
EDREQ pin high level sampling is started at rise of φ.
[4], [7] When
EDREQ pin high level has been sampled, acceptance is resumed after completion of single cycle.
(As in [1],
EDREQ pin low level is sampled at rise of φ, and request is held.)
Request
clearance period
Request
clearance period
Minimum 3 cycles
Request
Minimum 3 cycles
Request
Figure 8.26 Example of Single Address Mode Transfer Activated by
EDREQ Pin Falling
Edge
EDREQ pin sampling is performed in each cycle starting at the next rise of φ after the end of the
EDMDR write cycle for setting the transfer-enabled state.
When a low level is sampled at the
EDREQ pin while acceptance via the EDREQ pin is possible,
the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC,
the request is cleared, and
EDREQ pin high level sampling for edge sensing is started. If EDREQ
pin high level sampling is completed by the end of the DMA single cycle, acceptance resumes
after the end of the single cycle, and
EDREQ pin low level sampling is performed again; this
sequence of operations is repeated until the end of the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com