Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 807 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 807 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 803Page - Renesas Technology Corp H8S/2424 Datasheet HTML 804Page - Renesas Technology Corp H8S/2424 Datasheet HTML 805Page - Renesas Technology Corp H8S/2424 Datasheet HTML 806Page - Renesas Technology Corp H8S/2424 Datasheet HTML 807Page - Renesas Technology Corp H8S/2424 Datasheet HTML 808Page - Renesas Technology Corp H8S/2424 Datasheet HTML 809Page - Renesas Technology Corp H8S/2424 Datasheet HTML 810Page - Renesas Technology Corp H8S/2424 Datasheet HTML 811Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 807 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 779 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
—
All 1
—
Reserved
1 is always read and write is disabled.
3
2
1
0
NDR11
NDR10
NDR9
NDR8
0
0
0
0
R/W
R/W
R/W
R/W
Next Data Register 11 to 8
The register contents are transferred to the
corresponding PODRH bits by the output trigger
specified with PCR.
• NDRL (NDRLH, NDRLL)*
If pulse output groups 0 and 1 have the same output trigger, all eight bits are mapped to the
same address and can be accessed at one time, as shown below.
Note: * When pulse output groups 2 and 3 have the same output trigger by PCR settings, the
NDRH address is H¢FF4C. When they have different output triggers, the NDRH
addresses corresponding to the groups 2 and 3 are NDRHH (H¢FF4E) and NDRHL
(H¢FF4C), respectively. Also, when pulse output groups 0 and 1 have the same output
trigger by PCR settings, the NDRL address is NDRLH (H¢FF4D). When they have
different output triggers, the NDRL addresses corresponding to the groups 0 and 1 are
NDRLL (H¢FF4F) and H¢FF4D, respectively.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
NDR7
NDR6
NDR5
NDR4
NDR3
NDR2
NDR1
NDR0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Next Data Register 7 to 0
The register contents are transferred to the
corresponding PODRL bits by the output trigger
specified with PCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com