Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 810 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 810 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 806Page - Renesas Technology Corp H8S/2424 Datasheet HTML 807Page - Renesas Technology Corp H8S/2424 Datasheet HTML 808Page - Renesas Technology Corp H8S/2424 Datasheet HTML 809Page - Renesas Technology Corp H8S/2424 Datasheet HTML 810Page - Renesas Technology Corp H8S/2424 Datasheet HTML 811Page - Renesas Technology Corp H8S/2424 Datasheet HTML 812Page - Renesas Technology Corp H8S/2424 Datasheet HTML 813Page - Renesas Technology Corp H8S/2424 Datasheet HTML 814Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 782 of 1270
REJ09B0466-0100
12.3.5
PPG Output Mode Register (PMR)
PMR selects the pulse output mode of the PPG for each group. If inverted output is selected, a
low-level pulse is output when PODRH is 1 and a high-level pulse is output when PODRH is 0. If
non-overlapping operation is selected, PPG updates its output values at compare match A or B of
the TPU that becomes the output trigger. For details, refer to section 12.4.4, Non-Overlapping
Pulse Output.
Bit
Bit Name
Initial Value
R/W
Description
7
G3INV
1
R/W
Group 3 Inversion
Selects direct output or inverted output for pulse
output group 3.
0: Inverted output
1: Direct output
6
G2INV
1
R/W
Group 2 Inversion
Selects direct output or inverted output for pulse
output group 2.
0: Inverted output
1: Direct output
5
G1INV
1
R/W
Group 1 Inversion
Selects direct output or inverted output for pulse
output group 1.
0: Inverted output
1: Direct output
4
G0INV
1
R/W
Group 0 Inversion
Selects direct output or inverted output for pulse
output group 0.
0: Inverted output
1: Direct output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com