Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 812 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 812 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 808Page - Renesas Technology Corp H8S/2424 Datasheet HTML 809Page - Renesas Technology Corp H8S/2424 Datasheet HTML 810Page - Renesas Technology Corp H8S/2424 Datasheet HTML 811Page - Renesas Technology Corp H8S/2424 Datasheet HTML 812Page - Renesas Technology Corp H8S/2424 Datasheet HTML 813Page - Renesas Technology Corp H8S/2424 Datasheet HTML 814Page - Renesas Technology Corp H8S/2424 Datasheet HTML 815Page - Renesas Technology Corp H8S/2424 Datasheet HTML 816Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 812 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 784 of 1270
REJ09B0466-0100
12.4
Operation
Figure 12.2 shows an overview diagram of the PPG. PPG pulse output is enabled when the
corresponding bits in P1DDR, P2DDR, and NDER are set to 1. An initial output value is
determined by its corresponding PODR initial setting. When the compare match event specified
by PCR occurs, the corresponding NDR bit contents are transferred to PODR to update the output
values. Sequential output of data of up to 16 bits is possible by writing new output data to NDR
before the next compare match.
Output trigger signal
Pulse output pin
Internal data bus
Normal output/inverted output
C
PODR
QD
NDER
Q
NDR
Q
D
DDR
Figure 12.2 Overview Diagram of PPG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com