Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 816 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 816 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 812Page - Renesas Technology Corp H8S/2424 Datasheet HTML 813Page - Renesas Technology Corp H8S/2424 Datasheet HTML 814Page - Renesas Technology Corp H8S/2424 Datasheet HTML 815Page - Renesas Technology Corp H8S/2424 Datasheet HTML 816Page - Renesas Technology Corp H8S/2424 Datasheet HTML 817Page - Renesas Technology Corp H8S/2424 Datasheet HTML 818Page - Renesas Technology Corp H8S/2424 Datasheet HTML 819Page - Renesas Technology Corp H8S/2424 Datasheet HTML 820Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 816 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 788 of 1270
REJ09B0466-0100
12.4.4
Non-Overlapping Pulse Output
During non-overlapping operation, transfer from NDR to PODR is performed as follows:
• NDR bits are always transferred to PODR bits at compare match A.
• At compare match B, NDR bits are transferred only if their value is 0. Bits are not transferred
if their value is 1.
Figure 12.6 illustrates the non-overlapping pulse output operation.
Compare match A
Compare match B
Pulse
output
pin
Internal data bus
Normal output/inverted output
C
PODR
QD
NDER
Q
NDR
Q
D
DDR
Figure 12.6 Non-Overlapping Pulse Output
Therefore, 0 data can be transferred ahead of 1 data by making compare match B occur before
compare match A.
The NDR contents should not be altered during the interval from compare match B to compare
match A (the non-overlap margin).
This can be accomplished by having the TGIA interrupt handling routine write the next data in
NDR, or by having the TGIA interrupt activate the DTC or DMAC. Note, however, that the next
data must be written before the next compare match B occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com