Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 818 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 818 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 814Page - Renesas Technology Corp H8S/2424 Datasheet HTML 815Page - Renesas Technology Corp H8S/2424 Datasheet HTML 816Page - Renesas Technology Corp H8S/2424 Datasheet HTML 817Page - Renesas Technology Corp H8S/2424 Datasheet HTML 818Page - Renesas Technology Corp H8S/2424 Datasheet HTML 819Page - Renesas Technology Corp H8S/2424 Datasheet HTML 820Page - Renesas Technology Corp H8S/2424 Datasheet HTML 821Page - Renesas Technology Corp H8S/2424 Datasheet HTML 822Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 818 / 1302 page
background image
Section 12 Programmable Pulse Generator (PPG)
Rev. 1.00 Sep. 19, 2008 Page 790 of 1270
REJ09B0466-0100
12.4.5
Sample Setup Procedure for Non-Overlapping Pulse Output
Figure 12.8 shows a sample procedure for setting up non-overlapping pulse output.
Select TGR functions
[1]
Set TGR values
Set counting operation
Select interrupt request
Set initial output data
Enable pulse output
Select output trigger
Set next pulse
output data
Start counter
Set next pulse
output data
Compare match A?
No
Yes
TPU setup
PPG setup
TPU setup
Non-overlapping
pulse output
Set non-overlapping groups
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[10]
[11]
[1] Set TIOR to make TGRA and
TGRB an output compare registers
(with output disabled).
[2] Set the pulse output trigger period
in TGRB and the non-overlap
period in TGRA.
[3] Select the counter clock source
with bits TPSC2 to TPSC0 in TCR.
Select the counter clear source
with bits CCLR2 to CCLR0.
[4] Enable the TGIA interrupt in TIER.
The DTC or DMAC can also be set
up to transfer data to NDR.
[5] Set the initial output values in
PODR.
[6] Set the DDR and NDER bits for the
pins to be used for pulse output to
1.
[7] Select the TPU compare match
event to be used as the pulse
output trigger in PCR.
[8] In PMR, select the groups that will
operate in non-overlap mode.
[9] Set the next pulse output values in
NDR.
[10] Set the CST bit in TSTR to 1 to
start the TCNT counter.
[11] At each TGIA interrupt, set the next
output values in NDR.
Figure 12.8 Setup Procedure for Non-Overlapping Pulse Output (Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com