Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 100Page - Renesas Technology Corp H8S/2424 Datasheet HTML 101Page - Renesas Technology Corp H8S/2424 Datasheet HTML 102Page - Renesas Technology Corp H8S/2424 Datasheet HTML 103Page - Renesas Technology Corp H8S/2424 Datasheet HTML 104Page - Renesas Technology Corp H8S/2424 Datasheet HTML 105Page - Renesas Technology Corp H8S/2424 Datasheet HTML 106Page - Renesas Technology Corp H8S/2424 Datasheet HTML 107Page - Renesas Technology Corp H8S/2424 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1302 page
background image
Section 2 CPU
Rev. 1.00 Sep. 19, 2008 Page 76 of 1270
REJ09B0466-0100
2.8
Processing States
The H8S/2600 CPU has five main processing states: the reset state, exception handling state,
program execution state, bus-released state, and program stop state. Figure 2.13 indicates the state
transitions.
• Reset State
The CPU and on-chip peripheral modules are all initialized and stop. When the
RES input goes
low, all current processing stops and the CPU enters the reset state. All interrupts are masked
in the reset state. Reset exception handling starts when the
RES signal changes from low to
high. For details, refer to section 4, Exception Handling.
The reset state can also be entered by a watchdog timer overflow.
• Exception-Handling State
The exception-handling state is a transient state that occurs when the CPU alters the normal
processing flow due to an exception source, such as, a reset, trace, interrupt, or trap instruction.
The CPU fetches a start address (vector) from the exception vector table and branches to that
address. For further details, refer to section 4, Exception Handling.
• Program Execution State
In this state the CPU executes program instructions in sequence.
• Bus-Released State
In a product which has a bus master other than the CPU, such as a direct memory access
controller (DMAC) and a data transfer controller (DTC), the bus-released state occurs when
the bus has been released in response to a bus request from a bus master other than the CPU.
While the bus is released, the CPU halts operations.
• Program stop state
This is a power-down state in which the CPU stops operating. The program stop state occurs
when a SLEEP instruction is executed or the CPU enters hardware standby mode. For further
details, refer to section 24, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com