Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 103Page - Renesas Technology Corp H8S/2424 Datasheet HTML 104Page - Renesas Technology Corp H8S/2424 Datasheet HTML 105Page - Renesas Technology Corp H8S/2424 Datasheet HTML 106Page - Renesas Technology Corp H8S/2424 Datasheet HTML 107Page - Renesas Technology Corp H8S/2424 Datasheet HTML 108Page - Renesas Technology Corp H8S/2424 Datasheet HTML 109Page - Renesas Technology Corp H8S/2424 Datasheet HTML 110Page - Renesas Technology Corp H8S/2424 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 1302 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 79 of 1270
REJ09B0466-0100
Section 3 MCU Operating Modes
3.1
Operating Mode Selection
The H8S/2426 Group, H8S/2426R Group, and H8S/2424 Group have five operating modes
(modes 1 to 4 and 7). The operating mode is selected by the setting of mode pins (MD2 to MD0).
Modes 1, 2, and 4 are externally expanded modes in which the CPU can access an external
memory and peripheral devices. In an externally expanded mode, the external address space can
be designated as an 8-bit or 16-bit address space for each area by the bus controller at the
beginning of program execution. If a 16-bit address space is designated for any one area, the 16-
bit bus mode is selected. If an 8-bit address space is designated for all areas, the 8-bit bus mode is
selected.
Mode 7 is a single-chip activation expanded mode in which the CPU can switch to access an
external memory and peripheral devices at the beginning of program execution.
Mode 3 is a boot mode in which the flash memory can be programmed or erased. For details on
the boot mode, refer to section 21, Flash Memory.
The settings for pins MD2 to MD0 should not be changed during LSI operation.
Table 3.1
MCU Operating Modes
External Data Bus
MCU
Operating
Mode
MD2
MD1
MD0
CPU
Operating
Mode
Description
On-Chip
ROM
Initial
Value
Max.
Value
1*
0
0
1
Advanced
Expanded mode with
on-chip ROM disabled
Disabled
16 bits
16 bits
2*
0
1
0
Advanced
Expanded mode with
on-chip ROM disabled
Disabled
8 bits
16 bits
3
0
1
1
Advanced
Boot mode
Enabled
16 bits
4
1
0
0
Advanced
Expanded mode with
on-chip ROM enabled
Enabled
8 bits
16 bits
7
1
1
1
Advanced
Single-chip mode
Enabled
16 bits
Note:
*
Only modes 1 and 2 may be used in ROM-less versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com