Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1065 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1065 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1061Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1062Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1063Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1064Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1069Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1065 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1037 of 1270
REJ09B0466-0100
19.5
Interrupt Requests
The SSU interrupt requests are an overrun error, a conflict error, a receive data register full,
transmit data register empty, and a transmit end interrupts.
Since both an overrun error and a conflict error interrupts are allocated to the SSERI vector
address, and both a transmit data register empty and a transmit end interrupts are allocated to the
SSTXI vector address, the interrupt source should be decided by their flags. Table 19.7 lists the
interrupt sources.
When an interrupt condition shown in table 19.7 is satisfied, an interrupt is requested. Clear the
interrupt source by CPU or DMAC data transfer.
Table 19.7
Interrupt Sources
Channel Abbreviation
Interrupt Source
Symbol Interrupt Condition
DMAC
Activation
0
SSERI0
Overrun error
OEI0
(RIE
= 1) • (ORER = 1)
Conflict error
CEI0
(CEIE
= 1) • (CE = 1)
SSRXI0
Receive data register full
RXI0
(RIE
= 1) • (RDRF = 1)
SSTXI0
Transmit data register empty
TXI0
(TIE
= 1) • (TDRE = 1)
Transmit end
TEI0
(TEIE
= 1) • (TEND = 1)
19.6
Usage Note
19.6.1
Setting of Module Stop Mode
The SSU can be enabled/disabled by setting the module stop control register setting and is
disabled by the initial value. Canceling module stop mode enables to access the SSU register. For
details, see section 24, Power-Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com