Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1069 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1069 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1065Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1066Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1067Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1068Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1069Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1070Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1071Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1072Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1073Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1069 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1041 of 1270
REJ09B0466-0100
Section 21 Flash Memory
The flash memory in this LSI can be accessed in three programming modes: user programming
mode, on-board programming mode, and programmer mode.
Table 21.1 gives an overview of the flash memory specifications (refer to section 1, Overview, for
items that are not shown in table 21.1).
Table 21.1
Overview of Flash Memory Specifications
Item
Description
Flash memory programming modes
Three modes (user programming mode, boot mode,
and programmer mode)
Erase block division
User ROM
See figure 21.1.
Programming method
Word or byte units*
1
Erase method
Block units
Programming and erase control method
Programming and erasure are controlled by
software commands
Commands
Six commands
Programming and erase count
100 times*
2
Data retention
Ten years
Notes: 1. The flash memory can be programmed in byte units only in parallel I/O mode.
2. The programming and erase count determine the number of times the erase operation
can be performed in each block.
For example, if 1-word programming is done 2,048 times, each at a different address in
a 4-Kbyte block and then the block is erased, this is counted as one erase count. If the
allowed programming and erase count are 100 times, each block can be erased 100
times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com