Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1142 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1142 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1138Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1139Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1142 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1114 of 1270
REJ09B0466-0100
(4) Software Standby Mode Application Example
Figure 24.2 shows an example in which a transition is made to software standby mode at the
falling edge on the NMI pin, and software standby mode is cleared at the rising edge on the NMI
pin.
In this example, after an NMI interrupt is accepted with the NMIEG bit in INTCR cleared to 0
(falling edge specification), the NMIEG bit is set to 1 (rising edge specification). And after the
SSBY bit is set to 1, a SLEEP instruction is executed, causing a transition to software standby
mode.
Software standby mode is then cleared at the rising edge on the NMI pin.
Oscillator
NMI
φ
NMIEG
SSBY
NMI exception
handling
NMIEG=1
SSBY=1
SLEEP instruction
Software standby mode
(power-down mode)
Oscillation
stabilization
time tOSC2
NMI exception
handling
Figure 24.2 Software Standby Mode Application Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com