Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1144 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1144 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1144 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1116 of 1270
REJ09B0466-0100
(4) Hardware Standby Mode Timing when Power Is Supplied
When entering hardware standby mode immediately after the power is supplied, the
RES signal
must be driven low for a given period with retaining the
STBY signal high. After the RES signal is
canceled, drive the
STBY signal low.
(1) Power supply
RES
(2) Reset period
(3) Hardware standby mode
STBY
Figure 24.4 Hardware Standby Mode Timing when Power Is Supplied
24.2.5
Module Stop Function
Module stop function can be set for individual on-chip peripheral modules.
When an MSTP bit in MSTPCR, EXMSTPCR, or RMMSTPCR is set to 1, the corresponding
module stops operation at the end of the bus cycle and a transition is made to module stop state.
The CPU continues operating independently.
When an MSTP bit is cleared to 0, the corresponding module stop state is cleared and the module
starts operating at the end of the bus cycle. In module stop state, part of SCI registers and the
internal state of SSU are reset but the internal states of the other modules are retained.
After reset clearance, all modules other than the EXDMAC*, DMAC, DTC, and on-chip RAM are
in module stop state.
The module registers that are set in module stop state cannot be read or written to.
The module-stop function for RAM is only effective for on-chip RAM. When an area of on-chip
RAM is set up as an external address space by bits RAME and EXPE in SYSCR, the resulting
external space is accessible regardless of the module-stop setting. Table 24.3 lists the kinds of
operation in case of access to the on-chip RAM area.
Note: *
The EXDMAC is not supported by the H8S/2424 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com