Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1148 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1148 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1151Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1148 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1120 of 1270
REJ09B0466-0100
24.5
Usage Notes
24.5.1
I/O Port Status
In software standby mode, I/O port states are retained. Therefore, there is no reduction in current
dissipation for the output current when a high-level signal is output.
24.5.2
Current Dissipation during Oscillation Stabilization Standby Period
Current dissipation increases during the oscillation stabilization standby period.
24.5.3
EXDMAC, DMAC, and DTC Module Stop
Depending on the operating status of the EXDMAC, DMAC, or DTC, the MSTP14 to MSTP13
and may not be set to 1. Setting of the EXDMAC, DMAC, or DTC module stop mode should be
carried out only when the respective module is not activated.
For details, see section 8, EXDMA Controller (EXDMAC), section 7, DMA Controller (DMAC),
and section 9, Data Transfer Controller (DTC).
Note:
The EXDMAC is not supported by the H8S/2424 group.
24.5.4
On-Chip Peripheral Module Interrupts
Relevant interrupt operations cannot be performed in module stop mode. Consequently, if module
stop mode is entered when an interrupt has been requested, it will not be possible to clear the CPU
interrupt source or the DMAC or DTC activation source.
Interrupts should therefore be disabled before entering module stop mode.
Note:
The EXDMAC is not supported by the H8S/2424 group.
24.5.5
Writing to MSTPCR, EXMSTPCR, and RMMSTPCR
MSTPCR, EXMSTPCR, and RMMSTPCR should only be written to by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com