Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 1147 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1147 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1144Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1145Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1146Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1147Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1148Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1149Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1150Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1147 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1119 of 1270
REJ09B0466-0100
24.4
SDRAM
φ Clock Output Control
Output of the SDRAM
φ clock can be controlled by the SDPSTP bit in SCKCR. When the
SDPSTP bit is set to 1, the SDRAM
φ clock stops at the end of the bus cycle and the pin can be
used as a general port. SDRAM
φ clock output is enabled when the SDPSTP bit is cleared to 0
regardless of the DDR value. Table 24.5 shows the state of the SDRAM
φ pin in each processing
state.
Note:
The SDRAM interface is not supported by the H8S/2426 group and H8S/2424 group.
Table 24.5
SDRAM
φ Pin State in Each Processing State
Register Setting
SDPSTP
DDR
Normal
Operating State
Sleep Mode
Software
Standby Mode
Hardware
Standby Mode
All Module
Clocks Stop
Mode
0
×
SDRAM
φ output SDRAMφ output Fixed low
High impedance
SDRAM
φ
output
1
0
High impedance
High impedance
High impedance
High impedance
High
impedance
1
1
PH1/CS5/RAS5
output
H1/CS5/RAS5
output
H1/CS5/RAS5
output
High impedance
H1/CS5/RAS5
output
Note:
SDRAM is not available in the H8S/2426 and H8S/2424 Groups.
In these products, this pin functions as a general pin regardless of the SDPSTP bit setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com