Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 247Page - Renesas Technology Corp H8S/2424 Datasheet HTML 248Page - Renesas Technology Corp H8S/2424 Datasheet HTML 249Page - Renesas Technology Corp H8S/2424 Datasheet HTML 250Page - Renesas Technology Corp H8S/2424 Datasheet HTML 251Page - Renesas Technology Corp H8S/2424 Datasheet HTML 252Page - Renesas Technology Corp H8S/2424 Datasheet HTML 253Page - Renesas Technology Corp H8S/2424 Datasheet HTML 254Page - Renesas Technology Corp H8S/2424 Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 223 of 1270
REJ09B0466-0100
If a row address hold time or read access time is necessary, making a setting in bits RCD1 and
RCD0 in DRACCR allows from one to three T
rw states, in which row address output is maintained,
to be inserted between the T
r cycle, in which the RAS signal goes low, and the Tc1 cycle, in which
the column address is output. Use the setting that gives the optimum row address signal hold time
relative to the falling edge of the
RAS signal according to the DRAM connected and the operating
frequency of this LSI. Figure 6.36 shows an example of the timing when one T
rw state is set.
Tp
RASn (CSn)
Read
Write
UCAS, LCAS
WE (HWR)
OE (RD)
Data bus
WE (HWR)
OE (RD)
Data bus
Address bus
φ
Tr
Trw
Tc1
Tc2
Row address
Column address
High
High
Note: n = 2 to 5
Figure 6.36 Example of Timing with One Row Address Output Maintenance State
(RAST = 0, CAST = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com