Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

H8S/2424 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 249Page - Renesas Technology Corp H8S/2424 Datasheet HTML 250Page - Renesas Technology Corp H8S/2424 Datasheet HTML 251Page - Renesas Technology Corp H8S/2424 Datasheet HTML 252Page - Renesas Technology Corp H8S/2424 Datasheet HTML 253Page - Renesas Technology Corp H8S/2424 Datasheet HTML 254Page - Renesas Technology Corp H8S/2424 Datasheet HTML 255Page - Renesas Technology Corp H8S/2424 Datasheet HTML 256Page - Renesas Technology Corp H8S/2424 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 225 of 1270
REJ09B0466-0100
6.7.9
Wait Control
There are two ways of inserting wait states in a DRAM access cycle: program wait insertion and
pin wait insertion using the
WAIT pin.
Wait states are inserted to extend the
CAS assertion period in a read access to DRAM space, and
to extend the write data setup time relative to the falling edge of
CAS in a write access.
(1) Program Wait Insertion
When the bit in ASTCR corresponding to an area designated as DRAM space is set to 1, from 0 to
7 wait states can be inserted automatically between the T
c1 state and Tc2 state, according to the
settings in WTCR.
(2) Pin Wait Insertion
When the WAITE bit in BCR is set to 1 and the ASTCR bit is set to 1, wait input by means of the
WAIT pin is enabled. When DRAM space is accessed in this state, a program wait (T
w) is first
inserted. If the
WAIT pin is low at the falling edge of φ in the last T
c1 or Tw state, another Tw state
is inserted. If the
WAIT pin is held low, T
w states are inserted until it goes high.
Figures 6.38 and 6.39 show examples of wait cycle insertion timing in the case of 2-state and 3-
state column address output cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com