Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9111 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 5Page - STMicroelectronics TDA9111 Datasheet HTML 6Page - STMicroelectronics TDA9111 Datasheet HTML 7Page - STMicroelectronics TDA9111 Datasheet HTML 8Page - STMicroelectronics TDA9111 Datasheet HTML 9Page - STMicroelectronics TDA9111 Datasheet HTML 10Page - STMicroelectronics TDA9111 Datasheet HTML 11Page - STMicroelectronics TDA9111 Datasheet HTML 12Page - STMicroelectronics TDA9111 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
TDA9111
9/43
Note: 3
This delay is necessary to avoid a wrong detection of polarity change in the case of a composite sync.
4
See Figure 10 for explanation of reference phase.
5
These parameters are not tested on each unit. They are measured during our internal qualification.
6
A larger range may be obtained by application.
7
When at 0xxx xxxx, (HMoiré/HLock not selected), Pin 3 is a DAC with 0.3...2.75V range. When at 1xxx xxxx
(HMoiré/HLock selected) and PLL1 is locked, Pin 3 provides the waveform for HMoiré. See also Moiré
section.
8
Hjit = 106x(Standard deviation/Horizontal period).
9
Duty Cycle is the ratio between the output transistor OFF time and the period. The scanning transistor is
controlled OFF when the output transistor is OFF.
10 Initial Condition for Safe Start Up.
2nd PLL SECTION AND HORIZONTAL OUTPUT SECTION
FBth
Flyback Input Threshold Voltage (Pin 12)
0.65
0.75
V
Hjit
Horizontal Jitter (8)
At 31.4kHz
70
ppm
HDmin
HDmax
Horizontal Drive Output Duty-Cycle (Pin
26) (9)
Sub-Address 00
Byte x1111111
Byte x0000000 (10)
30
65
%
%
XRAYth
X-RAY Protection Input Threshold Volt-
age,
Pin 25, (see fig. 14)
7.6
8.2
8.8
V
Vphi2
Internal Clamping Levels on 2nd PLL
Loop Filter (Pin 4)
Low Level
High Level
1.6
4.2
V
V
VSCinh
Inhibition threshold (The condition VCC <
VSCinh will stop H-Out, V-Out, B-Out and
reset X-RAY)
Pin 29
7.5
V
HDvd
Horizontal Drive Output (low level)
Pin 26, IOUT = 30mA
0.4
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com