Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9111 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 10Page - STMicroelectronics TDA9111 Datasheet HTML 11Page - STMicroelectronics TDA9111 Datasheet HTML 12Page - STMicroelectronics TDA9111 Datasheet HTML 13Page - STMicroelectronics TDA9111 Datasheet HTML 14Page - STMicroelectronics TDA9111 Datasheet HTML 15Page - STMicroelectronics TDA9111 Datasheet HTML 16Page - STMicroelectronics TDA9111 Datasheet HTML 17Page - STMicroelectronics TDA9111 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
TDA9111
14/43
B+ SECTION
Operating Conditions
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Note: 19 These parameters are not tested on each unit. They are measured during our internal qualification procedure
which includes characterization on batches coming from corners of our process and also temperature
characterization.
Note: 20 To make soft start possible, 0.5mA are sunk when B+ is disabled.
Note: 21 The external power transistor is OFF during 400ns of the HFOCUSCAP discharge
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
FeedRes
Minimum Feedback Resistor
Resistor between Pins 15
and 14
5k
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
OLG
Error Amplifier Open Loop Gain
At low frequency (19)
85
dB
UGBW
Unity Gain Bandwidth
See (19)
6
MHz
IRI
Feedback Input Bias Current
Current sourced by Pin 15
(PNP base)
0.2
µA
EAOI
Error Amplifier Output Current
Current sourced by Pin 14
Current sunk by
Pin 14 (20)
2
1.4
mA
mA
CSG
Current Sense Input Voltage Gain
Pin 16
3
MCEth
Max Current Sense Input Threshold Volt-
age
Pin 16
1.3
V
ISI
Current Sense Input Bias Current
Current sunk by Pin 16
(PNP base)
1
µA
Tonmax
Maximum ON Time of the external power
transistor
% of horizontal period,
fo = 27kHz)
(21)
100
%
B+OSV
B+Output Saturation Voltage
V28 with I28 = 10mA
0.25
V
IVREF
Internal Reference Voltage
On error amp (+)
input Subaddress OB:
Byte 1000000
5V
VREFADJ
Internal Reference Voltage Adjustment
Range
Byte 01111111
Byte 00000000
+20
-20
%
%
PWMSEL
Threshold for step-up/step-down selec-
tion (step-up configuration if V16 <PWM-
SEL)
Pin 16
6
V
tFB+
Fall Time
Pin 28
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com