Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9111 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 7Page - STMicroelectronics TDA9111 Datasheet HTML 8Page - STMicroelectronics TDA9111 Datasheet HTML 9Page - STMicroelectronics TDA9111 Datasheet HTML 10Page - STMicroelectronics TDA9111 Datasheet HTML 11Page - STMicroelectronics TDA9111 Datasheet HTML 12Page - STMicroelectronics TDA9111 Datasheet HTML 13Page - STMicroelectronics TDA9111 Datasheet HTML 14Page - STMicroelectronics TDA9111 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
TDA9111
11/43
DYNAMIC FOCUS SECTION
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Note: 15 S and C correction are inhibited to obtain a linear vertical sawtooth.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
HORIZONTAL DYNAMIC FOCUS FUNCTION (seeFigure 15 on page 29)
HDFst
Horizontal Dynamic Focus Sawtooth
Minimum Level
Maximum Level
Pin 9, capacitor on HFO-
CUSCAP and
C0 = 820pF, TH =20µs
2.2
4.9
V
V
HDFdis
Horizontal Dynamic Focus Sawtooth Dis-
charge Width
Triggered by HDFstart
400
ns
HDFstart
Internal Phase Advance versus HFLY
middle
(Independent of frequency)
1
µs
HDFDC
Bottom DC Output Level
RLOAD = 10kΩ,
Pin 10
2.1
V
TDFHD
DC Output Voltage Thermal Drift (11)
200
ppm/C
HDFamp
Horizontal Dynamic Focus
Amplitude
Max Byte
Typ Byte
Max Byte
Sub-Address 03,
Pin 10, fH = 50kHz,
Symmetric Wave Form
x1111111
x1000000
x0000000
1
1.5
3.5
VPP
VPP
VPP
HDFKeyst
Horizontal Dynamic FocusSymmetry
(For time reference, see Figure 15 )
Advance for Byte
Delay for Byte
Subaddress 04
x1111111 (decimal 127)
x0000000 (decimal 0)
16
16
%
%
VERTICAL DYNAMIC FOCUS FUNCTION (see Figu re 1)
AMPVDF
Vertical Dynamic Focus Parabola (added
to horizontal) Amplitude with VAMP and
VPOS Typical
Sub-Address 0F
Min Byte x0000000
Typ Byte x1000000
Max Byte x1111111
0
0.5
1
VPP
VPP
VPP
VDFAMP
Parabola Amplitude Function of VAMP
(tracking between VAMP and VDF) with
VPOS Typ. (seeFigure 1 on page 15 and
(15))
Sub-Address 05
Byte
x0000000
Byte
x1000000
Byte
x1111111
0.6
1
1.5
VPP
VPP
VPP
VHDFKeyt
Parabola Asymmetry Function of VPOS
Control (tracking between VPOS and
VDF) with VAMP Max.
B/A Ratio
A/B Ratio
Sub-Address 06
Byte
x0000000
Byte
x1111111
0.52
0.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com