Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9111 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 8Page - STMicroelectronics TDA9111 Datasheet HTML 9Page - STMicroelectronics TDA9111 Datasheet HTML 10Page - STMicroelectronics TDA9111 Datasheet HTML 11Page - STMicroelectronics TDA9111 Datasheet HTML 12Page - STMicroelectronics TDA9111 Datasheet HTML 13Page - STMicroelectronics TDA9111 Datasheet HTML 14Page - STMicroelectronics TDA9111 Datasheet HTML 15Page - STMicroelectronics TDA9111 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
TDA9111
12/43
GEOMETRY CONTROL SECTION
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
SYMMETRIC CONTROL THROUGH E/W OUTPUT (see Figure 2 on page 15 and Figu re 4 on page 15)
VEWM
Maximum E/W Output Voltage
Pin 24
6.5
V
VEWm
Minimum E/W Output Voltage
Pin 24
1.8
V
EWDC
For control of Horizontal size. DC Output
Voltage with E/W, corner and Keystone
inhibited
Pin 24, see Figure 2
Subaddress 11
Byte x0000000
Byte x1000000
Byte x1111111
2
3.25
4.2
V
V
V
TDEWDC
DC Output Voltage Thermal Drift
See (16)
100
ppm/C
EWpara
Parabola Amplitude with Max. VAMP,
Typ. VPOS, Keystone and Corner inhibit-
ed
Subaddress 0A
Byte 11111111
Byte 11000000
Byte 10000000
1.4
0.7
0
VPP
VPP
VPP
EWtrack
Parabola Amplitude Function of VAMP
Control (tracking between VAMP and E/
W) with Typ. VPOS, Typ. E/W Amplitude,
corner and Keystone inhibited (17)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
0.2
0.4
0.7
VPP
VPP
VPP
KeyAdj
Keystone Adjustment Capability with
Typ. VPOS, E/W inhibited, Corner inhibit-
ed and Max. Vert. Amplitude (see (17) and
Figure 4)
Subaddress 09
Byte 10000000
Byte 11111111
0.4
0.4
VPP
VPP
EW Corner
Corner Adjustment Capability with Typ.
VPOS, E/W inhibited, Keystone inhibited
and Max. Vertical Amplitude
Subaddress 10
Byte 11111111
Byte 11000000
Byte 10000000
+1.25
0
−1.25
VPP
VPP
VPP
KeyTrack
Intrinsic Keystone Function of VPOS
Control (tracking between VPOS and E/
W) with Max. E/W Amplitude and Max.
Vertical Amplitude, Corner inhibited
B/A Ratio
A/B Ratio
Subaddress 06
Byte 00000000
Byte 01111111
0.52
0.52
ASYMMETRIC CONTROL THROUGH INTERNAL DYNAMIC HORIZONTAL PHASE MODULATION (see Figu re 3)
SPBpara
Side Pin Balance Parabola Amplitude
(Figure 3) with Max. VAMP, Typ. VPOS
and Parallelogram inhibited (17 & 18)
Subaddress 0D
Byte 11111111
Byte 10000000
+2.8
-2.8
%TH
%TH
SPBtrack
Side Pin Balance Parabola Amplitude
function of VAMP Control (tracking be-
tween VAMP and SPB) with Max. SPB,
Typ. VPOS and Parallelogram inhibited
(17 & 18)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
1
1.8
2.8
%TH
%TH
%TH
ParAdj
Parallelogram Adjustment Capability with
Max. VAMP, Typ. VPOS and SPB inhibit-
ed (17 & 18)
Subaddress 0E
Byte 11111111
Byte 11000000
+2.8
-2.8
%TH
%TH
Partrack
Intrinsic Parallelogram Function of VPOS
Control (tracking between VPOS and
DHPC) with Max. VAMP, Max. SPB and
Parallelogram inhibited (17 & 18)
B/A Ratio
A/B Ratio
Subaddress 06
Byte x0000000
Byte x1111111
0.52
0.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com