Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9111 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 23Page - STMicroelectronics TDA9111 Datasheet HTML 24Page - STMicroelectronics TDA9111 Datasheet HTML 25Page - STMicroelectronics TDA9111 Datasheet HTML 26Page - STMicroelectronics TDA9111 Datasheet HTML 27Page - STMicroelectronics TDA9111 Datasheet HTML 28Page - STMicroelectronics TDA9111 Datasheet HTML 29Page - STMicroelectronics TDA9111 Datasheet HTML 30Page - STMicroelectronics TDA9111 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
TDA9111
27/43
2.3 PLL2
PLL2 ensures a constant position of the shaped
flyback signal in comparison with the sawtooth of
the VCO, taking into account the saturation time
Ts (see Figure 11)
Figure 11. PLL2 Timing Diagram
The phase comparator of PLL2 is followed by a
charge pump (typical output current: 0.5 mA).
The flyback input consists of an NPN transistor.
The input current must be limited to less than 5 mA
(see Figure 12).
Figure 12. Flyback Input Electrical Diagram
The duty cycle is adjustable through I2C from 30 %
to 65 %. For a safe start-up operation, the initial
duty cycle (after power-on reset) is 65% in order to
avoid having too long a conduction period of the
horizontal scanning transistor.
The maximum storage time (Ts Max.) is (0.44TH-
TFLY/2). Typically, TFLY/TH is around 20 %, at
maximum frequency, which means that Ts max is
around 34 % of TH.
2.4 Output Section
The H-drive signal is sent to the output through a
shaping stage which also controls the H-drive duty
cycle (I
2C adjustable) (see Figure 11). In order to
secure the scanning power part operation, the out-
put is inhibited in the following cases:
– when VCC or VDD are too low
– when the XRAY protection is activated
– during the Horizontal flyback
– when the HDrive I2C bit control is off.
The output stage consists of a NPN bipolar tran-
sistor. Only the collector is accessible (see
Figure 13).
Figure 13.
This output stage is intended for “reverse” base
control, where setting the output NPN in off-state
will control the power scanning transistor in off-
state.
The maximum output current is 30mA, and the
corresponding voltage drop of the output VCEsat is
0.4V Max.
Obviously the power scanning transistor cannot be
directly driven by the integrated circuit. An inter-
face has to be added between the circuit and the
power transistor either of bipolar or MOS type.
2.5 X-RAY Protection
The X-Ray protection is activated by application of
a high level on the X-Ray input (more than 8.2V on
Pin 25). It inhibits the H-Drive and B+ outputs.
This activation is internally delayed by 2 lines to
avoid erratic detection when short parasitics are
present .
HOsc
Sawtooth
7/8TH
1/8 TH
Flyback
Internally
shaped Flyback
HDrive
Ts
Duty Cycle
1.6V
4.0V
6.4V
500
Ω
HFLY
12
Q1
GND 0V
20k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com