Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9111 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA9111
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9111 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA9111 Datasheet HTML 19Page - STMicroelectronics TDA9111 Datasheet HTML 20Page - STMicroelectronics TDA9111 Datasheet HTML 21Page - STMicroelectronics TDA9111 Datasheet HTML 22Page - STMicroelectronics TDA9111 Datasheet HTML 23Page - STMicroelectronics TDA9111 Datasheet HTML 24Page - STMicroelectronics TDA9111 Datasheet HTML 25Page - STMicroelectronics TDA9111 Datasheet HTML 26Page - STMicroelectronics TDA9111 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
TDA9111
23/43
OPERATING DESCRIPTION
1 GENERAL CONSIDERATIONS
1.1 Power Supply
The typical values of the power supply voltages
VCC and VDD are 12 V and 5 V respectively. Opti-
mum operation is obtained for VCC between 10.8
and 13.2 V and VDD between 4.5 and 5.5 V.
In order to avoid erratic operation of the circuit dur-
ing the transient phase of VCC switching on, or off,
the value of VCC is monitored: if VCC is less than
7.5 V typ., the outputs of the circuit are inhibited.
Similarly, before VDD reaches 4 V, all the I
2C reg-
ister are reset to their default value (see I2C Con-
trol Table).
In order to have very good power supply rejection,
the circuit is internally supplied by several voltage
references (typ. value: 8.2 V). Two of these volt-
age references are externally accessible, one for
the vertical and one for the horizontal part. They
can be used to bias external circuitry (if ILOAD is
less than 5 mA). It is necessary to filter the voltage
references by external capacitors connected to
ground, in order to minimize the noise and conse-
quently the “jitter” on vertical and horizontal output
signals.
1.2 I2C Control
TDA9111 belongs to the I2C controlled device
family. Instead of being controlled by DC voltages
on dedicated control pins, each adjustment can be
done via the I2C Interface.
The I2C bus is a serial bus with a clock and a data
input. The general function and the bus protocol
are specified in the Philips-bus data sheets.
The inputs (Data and Clock) are comparators with
a 2.2 V threshold at 5 V supply. Spikes of up to 50
ns are filtered by an integrator and the maximum
clock speed is limited to 400 kHz.
The data line (SDA) can be used bidirectionally. In
read-mode the IC sends reply information
(1 byte) to the micro-processor.
The bus protocol prescribes a full-byte transmis-
sion in all cases. The first byte after the start con-
dition is used to transmit the IC-address (hexa 8C
for write, 8D for read).
1.3 Write Mode
In write mode the second byte sent contains the
subaddress of the selected function to adjust (or
controls to affect) and the third byte the corre-
sponding data byte. It is possible to send more
than one data byte to the IC. If after the third byte
no stop or start condition is detected, the circuit in-
crements automatically by one the momentary
subaddress in the subaddress counter (auto-incre-
ment mode). So it is possible to transmit immedi-
ately the following data bytes without sending the
IC address or subaddress. This can be useful to
reinitialize all the controls very quickly (flash man-
ner). This procedure can be finished by a stop con-
dition.
The circuit has 18 adjustment capabilities: 3 for the
horizontal part, 4 for the vertical, 3 for the
E/W correction, 2 for the dynamic horizontal phase
control, 2 for the vertical and horizontal Moiré op-
tions, 3 for the horizontal and the vertical dynamic
focus and 1 for the B+ reference adjustment.
18 bits are also dedicated to several controls (ON/
OFF, Horizontal Forced Frequency, Sync Priority,
Detection Refresh and XRAY reset).
1.4 Read Mode
During the read mode the second byte transmits
the reply information.
The reply byte contains the horizontal and vertical
lock/unlock status, the XRAY activation status,
and the horizontal and vertical polarity detection. It
also contains the sync detection status which is
used by the MCU to assign the sync priority. A
stop condition always stops all the activities of the
bus decoder and switches to high impedance both
the data and clock line (SDA and SCL).
See I2C subaddress and control tables.
1.5 Sync Processor
The internal sync processor allows the TDA9111
to accept:
– separated horizontal & vertical TTL-compatible
sync signal
– composite horizontal & vertical TTL-compatible
sync signal
1.6 Sync Identification Status
The MCU can read (address read mode: 8D) the
status register via the I2C bus, and then select the
sync priority depending on this status.
Among other data this register indicates the pres-
ence of sync pulses on H/HVIN, VSYNCIN and
(when 12 V is supplied) whether a Vext has been
extracted from H/HVIN. Both horizontal and verti-
cal sync are detected even if only 5 V is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com