| Electronic Components Datasheet Search |
|
ARMV4T Datasheet(PDF) 8 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
ARMV4T Datasheet(HTML) 8 Page - Actel Corporation |
|
8 / 30 page ![]() CoreMP7 8 v2.6 Link Register Register 14 is used as the subroutine Link Register (LR). Register 14 (r14) receives a copy of r15 when a Branch with Link (BL) instruction is executed. At all other times, you can treat r14 as a general- purpose register. The corresponding banked registers—r14_svc, r14_irq, r14_fiq, r14_abt, and r14_und—are similarly used to hold the return values of r15 when interrupts and exceptions arise, or when BL instructions are executed within interrupt or exception routines. Program Counter Register 15 holds the Program Counter (PC). In ARM state, bits [1:0] of r15 are zero. Bits [31:2] contain the PC. In Thumb state, bit [0] is zero. Bits [31:1] contain the PC. In privileged modes, another register, the Saved Program Status Register (SPSR), is accessible. This contains the condition code flags, and the mode bits saved as a result of the exception that caused entry to the current mode. Figure 4 shows the ARM state registers. Figure 4 • CoreMP7 Register Organization in the ARM State ARM State General Registers and Program Counter ARM State Program Status Registers r0 r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13 r14 r15 (PC) = banked register CPSR r0 r1 r2 r3 r4 r5 r6 r7 r8_fiq r9_fiq r10_fiq r11_fiq r12_fiq r13_fiq r14_fiq r15 (PC) CPSR SPSR_fiq r0 r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13_svc r14_svc r15 (PC) CPSR SPSR_svc r0 r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13_abt r14_abt r15 (PC) CPSR SPSR_abt r0 r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13_irq r14_irq r15 (PC) CPSR SPSR_irq r0 r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13_und r14_und r15 (PC) CPSR SPSR_und System and User FIQ Supervisor Abort IRQ Undefined |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |