Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-3000 Datasheet(PDF) 16 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 16 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 13Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 14Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 15Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 20Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
10
3.5 DiskOnChip
 Address Setting
The DiskOnChip
TM function allows the system to boot or operate
without a FDD or a HDD. DiskOnChip
TM modules may be formatted as
drive C or A. With DiskOnChip
TM, user may also execute DOS
commands such as FORMAT, SYS, COPY, XCOPY, DISCOPY and
DISKCOMP etc.
The U9 location onboard the HS-3000/4M is the DiskOnChip module
socket. Jumper JP11 assigns the address setting of the installed
module. Setting the 8 pins of JP11 allows you to select the starting
memory address of the DiskOnChip
TM (D.O.C.). If you have additional
memory devices in the system, please set both at different memory
address mapping to avoid the mapping area conflicts.
JP11: DiskOnChip
 Address Select
JP11
Address
Short 1-2 (default)
D000
Short 3-4
D800
Short 5-6
E000
Short 7-8
E800
1
2
7
8
3.6 Watchdog Timer
There are three access cycles of watchdog timer as Enable, Refresh and
Disable. The Enable cycle should proceed by READ PORT 443H. The
Disable cycle should proceed by READ PORT 043H. A continue Enable
cycle after a first Enable cycle means Refresh.
Once if the Enable cycle activity, a Refresh cycle is request before the
time-out period for restart counting the WDT Timer’s period. Otherwise, it
will assume that the program operation is abnormal when the time counting
over the period preset of WDT Timer. A System Reset signal to start again
or a NMI cycle to the CPU comes if over.
The JP9 is using for select the active function of watchdog timer in disable
the watchdog timer, or presetting the watchdog timer activity at the reset
trigger, or presetting the watchdog timer activity at the NMI trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com