Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-3000 Datasheet(PDF) 30 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 30 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 26Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 27Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 34Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
24
NOTE: The PC/104 connector allows direct plugging or stack-through
piling of PC/104 modules without requiring the PC/104 mounting
kit.
CN8: PC/104 64-pin Connector
PIN
Description
PIN
Description
1
IOCHECK*
33
GND
2
SD7
34
RESETDRV
3
SD6
35
+5V
4
SD5
36
IRQ9
5
SD4
37
-5V
6
SD3
38
DRQ2
7
SD2
39
-12V
8
SD1
40
NOW*
9
SD0
41
+12V
10
IOCHRDY
42
GND
11
AEN
43
SMEMW*
12
SA19
44
SMEMR*
13
SA18
45
IOW*
14
SA17
46
IOR*
15
SA16
47
DACK3*
16
SA15
48
DRQ3
17
SA14
49
DACK1*
18
SA13
50
DRQ1
19
SA12
51
REFRESH*
20
SA11
52
SYSCLK
21
SA10
53
IRQ7
22
SA9
54
IRQ6
23
SA8
55
IRQ5
24
SA7
56
IRQ4
25
SA6
57
IRQ3
26
SA5
58
DACK2*
27
SA4
59
TC
28
SA3
60
BALE
29
SA2
61
+5V
30
SA1
62
OSC
31
SA0
63
GND
32
GND
64
GND
1
2
64
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com