Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-3000 Datasheet(PDF) 20 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 20 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 16Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 24Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
14
Sharp LM64C35P (640 x 480 DSTN STN Color)
Sharp LM64C35P(CN1)
HS-3000/4M(CN11)
PIN
Description
PIN
Description
1
DL4
16
P7
2
VSS
3
GND
3
DL5
15
P6
4
TD
36
FLM
5
DL6
14
P5
6
LP
38
LP
7
DL7
13
P4
8
VSS
4
GND
9
VSS
8
GND
10
XCK
35
SLFCHK
11
DL0
24
P15
12
VCON
-
Contrast Adjust
13
DL1
23
P14
14
VDD
5
+5V
15
VSS
33
GND
16
VDD
6
+5V
17
DL2
22
P13
18
DISP
6
+5V
19
DL3
21
P12
20
N/C
-
-
21
VSS
34
GND
22
DU3
17
P8
23
DU4
12
P3
24
DU2
18
P9
25
DU5
11
P2
26
DU1
19
P10
27
VSS
39
GND
28
DU0
20
P11
29
DU6
10
P1
30
VSS
39
GND
31
DU7
9
P0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com