Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-3000 Datasheet(PDF) 38 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 38 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 35Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 36Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 37Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 38Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 39Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 40Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 41Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 42Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
32
4.6 Advanced Chipset Setup
This section allows you to configure the system based on the specific
features of the installed chipset. This chipset manages bus speeds and
the access to the system memory resources, such as DRAM and the
external cache. It also coordinates the communications between the
conventional ISA and PCI buses. It must be stated that these items
should never be altered. The default settings have been chosen
because they provide the best operating conditions for your system.
You might consider and make any changes only if you discover that the
data has been lost while using your system.
AMIBIOS SETUP – ADVANCED CHIPSET SETUP
(C)1999 American Megatrends, Inc. All Rights Reserved
Available Options:
AT Bus Clock
14.318/2
Disabled
Slow Refresh (us)
120
Enabled
Memory Hole At 15-16M
Disabled
RAS Precharge time
3.5T
RAS Active Time Insert Wait
Enabled
CAS Precharge Time Insert Wait
Enabled
Memory Write Insert Wait
Enabled
Memory Miss Read Insert Wait
Enabled
ISA Write cycle end Insert Wait
Enabled
I/O Recovery
Enabled
I/O Recovery Period
0.75 us
On-Chip I/O Recovery
Disabled
16Bit ISA Insert Wait
Enabled
ESC:Exit
:Sel
PgUp/PgDn: Modify
F1:Help
F2/F3:Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com