Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-3000 Datasheet(PDF) 29 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 29 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 25Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 26Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 27Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 33Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
23
3.15 Flash ROM Type
The JP15 provides in selection the type of Flash ROM type. If VPP is
+5V please set 29C010, VPP is +12V please set 28F010.
JP15: Flash ROM Type Select
Options
Setting
29C010 (default)
Short 1-2
28F010
Short 2-3
13
3.16 System Memory
The HS-3000/4M has one SIMM socket, provides 72-pin SIMM
module. The memory access time should be 70ns or less. The
HS-3000/4M has one SIM socket and 4MB RAM onboard.
Memory Type Configuration
SM2
SM1
BANK0
BANK1
Total
256K x 2
256K x 2
1M
512K x 2
----
1M
512K x 2
512K x 2
2M
512K x 2
1M x 2
3M
512K x 2
4M x 2
9M
1M x 2
----
2M
1M x 2
1M x 2
4M
1M x 2
4M x 2
10M
2M x 2
----
4M
2M x 2
2M x 2
8M
2M x 2
4M x 2
12M
4M x 2
----
8M
4MB RAM Onboard
4M x 2
4M x 2
16M
3.17 PC/104 Bus Connection
The PC/104 expansion bus offers provisions to connect all types of
PC/104 modules. With the PC/104 bus being known as the new
generation of industrial embedded 16-bit PC standard bus, thousands
of PC/104 modules from multiple venders can be easily installed
onboard. The detailed pin assignment of the PC/104 expansion bus
connectors CN8 and CN9 are listed on the following tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com