Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS-3000 Datasheet(PDF) 31 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 31 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 27Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 28Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 29Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 30Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 31Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 32Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 33Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 34Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 35Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
25
CN9: PC/104 40-pin Connector
PIN
Description
PIN
Description
1
GND
21
GND
2
MEMCS16*
22
SBHE*
3
IOSC16*
23
LA23
4
IRQ10
24
LA22
5
IRQ11
25
LA21
6
MSDATA
26
LA20
7
IRQ15
27
LA19
8
IRQ14
28
LA18
9
DACK0*
29
LA17
10
DRQ0
30
MEMR*
11
DACK5*
31
MEMW*
12
DRQ5
32
SD8
13
DACK6*
33
SD9
14
DRQ6
34
SD10
15
DACK7*
35
SD11
16
DRQ7
36
SD12
17
+5V
37
SD13
18
MASTER*
38
SD14
19
GND
39
SD15
20
GND
40
N/C
1
2
40
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com