Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT6330 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT6330 Datasheet HTML 1Page - Active-Semi, Inc ACT6330 Datasheet HTML 2Page - Active-Semi, Inc ACT6330 Datasheet HTML 3Page - Active-Semi, Inc ACT6330 Datasheet HTML 4Page - Active-Semi, Inc ACT6330 Datasheet HTML 5Page - Active-Semi, Inc ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ACT6330
Rev0, 02-Apr-08
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ORDERING INFORMATION
PIN CONFIGURATION
Thin - QFN (TQFN 33-16)
13
14
15
16
5
6
7
8
9
10
11
12
1
2
3
4
OVP2
FB2
ON2
ON1
FB1
GA
GA
GA
ACT6330
EP
TOP VIEW
All Active-Semi product are offered in lead-free RoHS Compliant packaging. The term “Pb-free” means semiconductor products that
are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
PART NUMBER
PACKAGE
PINS
TEMPERATURE RANGE
ACT6330QK-T
16
-40°C to +85°C
TQFN33-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com