Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT6330 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT6330 Datasheet HTML 3Page - Active-Semi, Inc ACT6330 Datasheet HTML 4Page - Active-Semi, Inc ACT6330 Datasheet HTML 5Page - Active-Semi, Inc ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc ACT6330 Datasheet HTML 10Page - Active-Semi, Inc ACT6330 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ACT6330
Rev0, 02-Apr-08
WLED BIAS DC/DC CONVERTER (REG1)
Innovative Power
TM
- 7 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
FUNCTIONAL DESCRIPTION
General Description
REG1 is highly efficient step-up DC/DC converter
that employs a fixed frequency, current-mode,
PWM architecture. This regulator is optimized for
white-LED bias applications consisting of up to six
white-LEDs.
Over-Voltage Protection
REG1 features internal over-voltage protection
(OVP) circuitry which protects the system from LED
open-circuit fault conditions. The ACT6330’s OVP
threshold is set at 22V, and if necessary, regulates
the voltage at the top of the LED string to ensure
that it never exceeds this voltage. REG1 requires a
10kΩ resistor connected from output capacitor to
OVP1 pin.
Thermal Shutdown Protection
The ACT6330 integrates thermal shutdown protec-
tion circuitry to prevent damage resulting from ex-
cessive thermal stress, as may be encountered un-
der fault conditions. This circuitry disables all regu-
lators if the ACT6330 die temperature exceeds
160°C, and prevents the regulators from being en-
abled until the IC temperature drops by 20°C (typ).
Enabling and Disabling REG1
REG1 is enabled or disabled using ON1. Drive ON1
to a logic-high to enable REG1. Drive ON1 to a
logic-low to disable REG1, reducing supply current
to less than 1µA. As with all non-synchronous step-
up DC/DC converter, REG1’s application circuit pro-
cedures a DC current path between the input and
the output in shutdown mode. Although the forward
drop of the WLEDs makes this leakage current very
small in most applications, it is important to con-
sider the effect that this may have in your applica-
tion particularly when using fewer than three
WLEDs.
Compensation and Stability
REG1 utilizes current-mode control and an internal
compensation network to optimize transient per-
formance, ease compensation, and improve stabil-
ity over a wide range of operating conditions. REG1
is a flexible regulator, and with just a simple compo-
nent, choice can be optimized to achieve minimum
total solution size in applications that require the
smallest possible footprint, or can be optimized to
achieve the highest possible efficiency.
Inductor Selection
REG1 has been designed to provide excellent per-
formance across a wide range of applications, al-
lowing a design to be optimized for both a small
footprint as well as for achieving the highest possi-
ble efficiency. REG1 was designed for operation
with inductor in the 10µH to 22µH range, in order to
achieve a small footprint , although larger inductor
values of up to 68µH can be used in order to opti-
mize a design to achieve the highest possible effi-
ciency.
Optimizing for Smallest Footprint
REG1 is capable of operating with very low inductor
values in order to achieve the smallest possible
footprint . When solution size is of primary concern,
best results are achieved when an inductance value
that ensures discontinuous conduction mode (DCM)
operation over the full load current range is used.
Optimizing for Highest Efficiency
REG1 achieves excellent efficiency in applications
that demand the longest possible battery life. When
efficiency is the primary design consideration, best
results are achieved when an inductance value that
both results in continuous conduction mode (CCM)
operation and achieves a very small inductor ripple
current is chosen.
Output Capacitor Selection
REG1 is designed to operate with output capacitors
ranging from 1µF to 10µF, providing design flexibil-
ity. A 1µF output capacitor is suitable for most appli-
cations, although larger output capacitors may be
used to minimize output voltage ripple, if needed.
Ceramic capacitors are recommended for most ap-
plications.
Rectifier Selection
REG1 requires a Shottky diode to rectify the induc-
tor current. Select a low forward voltage drop Shot-
tky diode with a forward current (IF) rating that is
sufficient to support the maximum switch current
and a sufficient peak repetitive reverse voltage
(VRRM) to support the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com