Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT6330 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT6330 Datasheet HTML 5Page - Active-Semi, Inc ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc ACT6330 Datasheet HTML 10Page - Active-Semi, Inc ACT6330 Datasheet HTML 11Page - Active-Semi, Inc ACT6330 Datasheet HTML 12Page - Active-Semi, Inc ACT6330 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ACT6330
Rev0, 02-Apr-08
WLED BIAS DC/DC CONVERTER (REG1)
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT6330QK, VIN = 3.6V, L = 22µH, CIN = 2.2µF, COUT= 2.2µF, TA = 25°C, unless otherwise specified.)
REG1 RDSON
900
IN Voltage (V)
5.5
800
700
600
500
400
300
2.5
3.0
3.5
4.0
4.5
5.0
REG1 Efficiency vs. Output Current
Output Current (mA)
100
31
50
90
80
70
60
1
5
9
13
17
21
25
ON1 Duty Cycle (%)
100
100
0
0
PWM Output Current Adjustment
90
80
70
60
50
40
30
20
10
10
20
30
40
50
60
70
80
90
ON1 PWM Frequency = 1kHz
4 LEDs
6 LEDs
CH1
CH2
REG1 Over-Voltage Protection
CH1: VOUT1, 10V/div
CH2: VFB1, 200mV/div
TIME: 2ms/div
0V
REG1 Startup Waveform
CH1
CH2
CH1: VOUT1, 10V/div
CH2: VON1, 1V/div
TIME: 100µs/div
0V
0V
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com