Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT6330 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT6330 Datasheet HTML 1Page - Active-Semi, Inc ACT6330 Datasheet HTML 2Page - Active-Semi, Inc ACT6330 Datasheet HTML 3Page - Active-Semi, Inc ACT6330 Datasheet HTML 4Page - Active-Semi, Inc ACT6330 Datasheet HTML 5Page - Active-Semi, Inc ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ACT6330
Dual PWM Step-Up DC/DCs in TQFN33
Rev0, 02-Apr-08
SYSTEM BLOCK DIAGRAM
FEATURES
Multiple Patents Pending
Two Integrated Regulators
− PWM Step-Up DC/DC with OVP for WLED
Bias
− PWM Step-Up DC/DC Converter with OVP
Independent Enable/Disable Control
Minimal External Components
3×3mm, Thin-QFN (TQFN33-16) Package
− Only 0.75mm Height
− RoHS Compliant
APPLICATIONS
Portable Devices and PDAs
MP3/MP4 Players
Wireless Handhelds
GPS Receivers
GENERAL DESCRIPTION
The patent-pending ACT6330 integrates two step-
up DC/DC into a single, thin, space-saving package
to provide a cost-effective, highly-efficient ActivePMUTM
power management solution. This device is ideal for
a wide range of portable handheld equipment that
can benefit from the advantages of ActivePMU tech-
nology but does not require a high level of integra-
tion.
REG1 and REG2 are fixed-frequency, current mode
PWM step-up DC/DC converter. REG1 is optimized
for high-efficiency WLED bias applications. REG2 is
optimized for voltage regulation applications, while
together these output can provide a complete TFT
bias and backlighting solution for portable handheld
equipment.
The ACT6330 is available in a tiny 3mm x 3mm 16
pin Thin-QFN package that is just 0.75mm thin.
ON2
OUT1
WLED Bias
Up to 18 LEDs
OUT2
Up to 20V
ON1
REG2
Step-Up
DC/DC
REG1
Step-Up
DC/DC
System
Control
Battery
ACT6330
TM
PMU
PMU
Active
Pb-free


Similar Part No. - ACT6330

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT6330QK-T ACTIVE-SEMI-ACT6330QK-T Datasheet
104Kb / 2P
Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
More results

Similar Description - ACT6330

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
Dual (Step-up and Step-down) PWM DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
Dual (Step-up and Step-down) PWM DC/DC Converter
logo
Active-Semi, Inc
ACT8325 ACTIVE-SEMI-ACT8325 Datasheet
80Kb / 2P
Dual PWM Step-Down DC/DCs in TDFN33
16-Nov-07
ACT6330 ACTIVE-SEMI-ACT6330 Datasheet
104Kb / 2P
Dual PWM Step-Up DC/DCs in TQFN33
02-Apr-08
ACT8309 ACTIVE-SEMI-ACT8309 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev PrA, 24-Jan-08
ACT8325 ACTIVE-SEMI-ACT8325_08 Datasheet
285Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev0, 13-May-08
ACT8309 ACTIVE-SEMI-ACT8309_10 Datasheet
359Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 0, 15-Jun-10
ACT8325 ACTIVE-SEMI-ACT8325_11 Datasheet
241Kb / 11P
Dual PWM Step-Down DC/DCs in TDFN33
Rev 2, 25-May-11
ACT8309 ACTIVE-SEMI-ACT8309_12 Datasheet
363Kb / 10P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
ACT8309 ACTIVE-SEMI-ACT8309_14 Datasheet
363Kb / 11P
1.5A, PWM Step-Down DC/DCs in TDFN
Rev 1, 15-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com