Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT6330 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc ACT6330 Datasheet HTML 10Page - Active-Semi, Inc ACT6330 Datasheet HTML 11Page - Active-Semi, Inc ACT6330 Datasheet HTML 12Page - Active-Semi, Inc ACT6330 Datasheet HTML 13Page - Active-Semi, Inc ACT6330 Datasheet HTML 14Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ACT6330
Rev0, 02-Apr-08
STEP-UP DC/DC CONVERTER (REG2)
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ELECTRICAL CHARACTERISTICS
( VIN = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IN Operating Voltage Range
3.1
6
V
UVLO Voltage Threshold
IN Voltage Rising
2.9
3
3.1
V
UVLO Hysteresis
IN Voltage Falling
100
mV
Supply Current
ON2 = IN, VFB2 = 0.3V
75
150
µA
ON2 = GA, ILOAD = 0mA
0.1
1
µA
FB2 Feedback Voltage
1.23
1.25
1.27
V
FB2 Input Current
50
nA
Oscillator Frequency
1.35
1.6
1.85
MHz
Minimum On-Time
100
ns
Maximum Duty Cycle
87
92
%
Switch Current Limit
Duty = 83%, L2 = 22uH, COUT2 = 4.7uF
500
750
mA
Switch On-Resistance
ISW2 = 100mA
0.67
1.1
Ω
Switch Leakage Current
VSW2 = 25V, ON2 = GA
10
µA
Logic High Input Voltage
ON2
1.4
V
Logic Low Input Voltage
ON2
0.4
V
ON2 Leakage Current
VON2 = 0V to 5.5V
1
µA
Over-Voltage Threshold
21
22
23
V
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
Temperature falling
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com