Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACT6330 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT6330
Description  Dual PWM Step-Up DC/DCs in TQFN33
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6330 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT6330 Datasheet HTML 1Page - Active-Semi, Inc ACT6330 Datasheet HTML 2Page - Active-Semi, Inc ACT6330 Datasheet HTML 3Page - Active-Semi, Inc ACT6330 Datasheet HTML 4Page - Active-Semi, Inc ACT6330 Datasheet HTML 5Page - Active-Semi, Inc ACT6330 Datasheet HTML 6Page - Active-Semi, Inc ACT6330 Datasheet HTML 7Page - Active-Semi, Inc ACT6330 Datasheet HTML 8Page - Active-Semi, Inc ACT6330 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ACT6330
Rev0, 02-Apr-08
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1, 2, 3,
14, 15, 16
GA
Analog Ground. Connect GAs directly to a quiet ground node. Connect GAs and GP12 to-
gether at a single point as close to the IC as possible.
4
FB1
Feedback Sense for REG1. Connect this pin to the LED string current sense resistor to sense
the LED current.
5
OVP1
Over-Voltage Protection Input for REG1. Connect this pin directly to the output node to sense
and prevent over-voltage conditions.
6
SW1
Switching Node Output for REG1. Connect this pin to the switching end of the inductor.
7
GP12
Power Ground for REG1, REG2. Connect GP12 directly to a power ground plane. Connect
GAs and GP12 together at a single point as close to the IC as possible.
8
SW2
Switching Node Output for REG2. Connect this pin to the switching end of the inductor.
9
OVP2
Over-Voltage Protection Input for REG2. Connect this pin directly to the output node to sense
and prevent over-voltage conditions.
10
FB2
Feedback Sense for REG2. Connect this pin to the center point of a resistive voltage divider
to sense output voltage.
11
ON2
Enable Control Input for REG2. Drive ON2 to IN or to a logic high for normal operation, drive
to GA or a logic low to disable REG2.
12
ON1
Enable Control Input for REG1. Drive ON1 to IN or to a logic high for normal operation, drive
to GA or a logic low to disable REG1.
13
IN
Power Input for the IC. Bypass IN to GA with a capacitor placed as close as possible to the IC.
EP
EP
Exposed Pad. Must be soldered to ground on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com