Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9701A Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9701A
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701A Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9701A Datasheet HTML 1Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 2Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 3Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 4Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 5Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Production Data
WM9701A
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
5
SERIAL INTERFACE
Test Conditions:
AVDD = 5V, GND = 0V, DVDD = 3.3V, GND = 0V, TA = 0
oC to +70oC, unless otherwise stated. All
measurements are taken at 10% to 90% VDD, unless otherwise stated.
All the following timing information is guaranteed, not tested.
AC-LINK LOW POWER MODE
SYNC
BIT_CLK
SDATA_OUT
WRITE
TO 0X20
DATA PR4
DON’T
CARE
SDATA_IN
SLOT 1
SLOT 2
t
S2_PDOWN
Figure 1 AC-Link Power down Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
End of slot 2 to BIT_CLK
SDATA_IN low
tS2_PDOWN
1.0
µs
COLD RESET
RESETB
BIT_CLK
t
RST_LOW
t
RST2CLK
Figure 2 Cold Reset Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
RESETB active low pulse width
tRST_LOW
1.0
µs
RESETB inactive to BIT_CLK
startup delay
tRST2CLK
162.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com