Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9701A Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM9701A
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701A Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM9701A Datasheet HTML 13Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 14Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 15Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 16Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 17Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 18Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 19Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 20Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Production Data
WM9701A
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
17
MUTE
PV3...PV0
FUNCTION
0
0000
0dB attenuation
0
1111
45dB attenuation
1
xxxx
∞dB attenuation
Table 3 PC-beep Register Function
ANALOGUE MIXER INPUT GAIN REGISTERS (INDEX 0CH - 18h)
This controls the gain/attenuation for each of the analogue inputs. Each step corresponds to
approximately 1.5dB. The MSB of the register is the mute bit. When this bit is set to 1 the level for
that channel is set at -
∞dB.
REGISTER 0EH (MIC VOLUME REGISTER)
This has an extra bit that is for a 20dB boost. When bit 6 is set to 1 the 20dB boost is on. The default
value is 8008, which corresponds to 0dB gain with mute on.
The default value for the mono registers is 8008h, which corresponds to 0dB gain with mute on. The
default value for stereo registers is 8808h, which corresponds to 0dB gain with mute on.
MUTE
GX4...GX0
FUNCTION
0
00000
+12dB gain
0
01000
0dB gain
0
11111
-34.5dB gain
1
xxxxx
-
∞dB gain
Table 4 Mixer Gain Control Register Function
RECORD SELECT CONTROL REGISTER (INDEX 1Ah)
Used to select the record source independently for right and left. (see Table 5 for legend). The
default value is 0000h, which corresponds to Mic in.
SR2 -SR0
RIGHT
RECORD
SOURCE
SL2-SL0
LEFT RECORD SOURCE
0
Mic
0
Mic
1
CD in (R)
1
CD in (L)
2
Video in (R)
2
Video in (L)
3
Aux in (R)
3
Aux in (L)
4
Line in (R)
4
Line in (L)
5
Stereo mix (R)
5
Stereo mix (L)
6
Mono mix
6
Mono mix
7
Phone
7
Phone
Table 5 Record Select Register Function
RECORD GAIN REGISTERS (INDEX 1Ch AND 1Eh)
1Ch is for the stereo input and 1Eh is for the optional special purpose correlated audio Mic channel.
Each step corresponds to 1.5dB. 22.5dB corresponds to 0F0Fh and 000Fh respectively. The MSB of
the register is the mute bit. When this bit is set to 1 the level for that channel(s) is set at -
∞dB.
The default value is 8000h, which corresponds to 0dB gain with mute on.
MUTE
GX3...GX0
FUNCTION
0
1111
+22.5dB gain
0
0000
0dB gain
1
xxxxx
-
∞dB gain
Table 6 Record Gain Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com