Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9701A Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM9701A
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701A Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM9701A Datasheet HTML 1Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 2Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 3Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 4Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 5Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Production Data
WM9701A
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
3
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD1, DVDD2
Note 1
-10%
3.3 to 5.0
+10%
V
Analogue supply range
AVDD1, AVDD2
Note 1
-10%
3.3 to 5.0
+10%
V
Digital ground
DVSS1, DVSS2
0
V
Analogue ground
AVSS1, AVSS2
0
V
Difference DVSS to AVSS
-0.3
0
+0.3
V
Analogue supply current
DVDD, AVDD = 5V
25
mA
Digital supply current
DVDD, AVDD = 5V
10
mA
Standby supply current (all PRs set)
DVDD, AVDD = 5V
30
µA
Analogue supply current
DVDD, AVDD = 3.3V
15
mA
Digital supply current
DVDD, AVDD = 3.3V
6
mA
Standby supply current (all PRs set)
DVDD, AVDD = 3.3V
20
µA
Note:
1.
Both supplies should be powered on and off at the same time.
ELECTRICAL CHARACTERISTICS
Test Conditions:
AVDD = 5V, GND = 0V, DVDD = 3.3V, GND = 0V, TA = 0
oC to +70oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (DVDD = 3.3 or 5.0V)
Input LOW level
VIL
AVSS -0.3
0.8
V
Input HIGH level
VIH
2.2
AVDD +0.3
V
Output LOW
VOL
0.1
∗ VDD
V
Output HIGH
VOH
0.9
∗ VDD
V
Analogue I/O Levels (Input Signals on any Inputs, Outputs on LINEOUT L, R and MONO)
Input level
Minimum input
impedance = 10k
AVSS
-100mV
AVDD
+100mV
V
Output level
Into 10kohm load
AVSS
+100mV
Near rail to
rail
AVDD
-100mV
V
Reference Levels
Reference input/output
CAP2
2/5 AVDD
AVDD/2
3/5 AVDD
V
CAP2 impedance
75
kohms
Mixer reference
VREF
Buffered
CAP2
V
MIC reference
VREFOUT
Buffered
CAP2
V
MIDBUFF current sink
(pins VREF and VREFOUT)
AVDD = 5V
-5
-15
mA
MIDBUFF current source
(pins VREF and VREFOUT)
AVDD = 5V
5
15
mA
MIDBUFF current source
(pins VREF and VREFOUT)
AVDD = 3.3V
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com