Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9701A Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9701A
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701A Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9701A Datasheet HTML 1Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 2Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 3Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 4Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 5Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701A Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
WM9701A
Low Power AC’97 Multimedia Audio Codec
Production Data, January 2001, Rev 3.2
WOLFSON MICROELECTRONICS LTD.
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
 2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM9701A is a high-quality stereo audio codec compliant
with the Intel AC’97 Rev 1.03 specification. Forming the
analogue component PC audio solution, it performs full-duplex
18-bit codec functions at 48 ksamples/s and offers excellent
audio quality with high SNR.
In addition, the WM9701A provides a comprehensive analogue
mixer with 4 sets of stereo inputs, plus phone, 2 microphone,
and PC-beep inputs. On-chip reference circuits generate the
necessary bias voltages for the device, and a 5-pin digital bi-
directional serial interface allows transfer of control data and
DAC and ADC words to and from the AC’97 controller.
The WM9701A is particularly suited to low power applications
such as notebook PCs.
FEATURES
3.3V or 5V operation
18-bit stereo codec
S/N ratio > 95dB
Multiple stereo input mixer
Mono and stereo volume control
48-pin TQFP package
Power management features
Very low standby power
APPLICATIONS
Notebook PC
PC sound cards
Motherboards
BLOCK DIAGRAM
LINEIN (23,24)
VIDEO (16,17)
PCBEEP (12)
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
VOL/
MUTE
Σ
VOL/
MUTE
Σ
(37) MONOOUT
(35,36) LINEOUT
Σ
CD (18,20)
AUX (14,15)
PHONE (13)
MIC[1] (21)
MIC[2] (22)
0dB/
20dB
(6) BITCLK
(10) SYNC
(8) SDATAIN
(5) SDATAOUT
(11) RESETB
OSC
(2) XTLIN
(3) XTLOUT
VOL/
MUTE
STEREO
DAC
Σ
VOL
STEREO
ADC
VOL/
MUTE
MUX
VOL/
MUTE
VOL/
MUTE
MUX
KEY:
MONO
STEREO
RECORD
MUX
AND
MUTE
SERIAL
I/F
WM9701A


Similar Part No. - WM9701A

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9703CFT/V WOLFSON-WM9703CFT/V Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9704CFT/V WOLFSON-WM9704CFT/V Datasheet
270Kb / 37P
AMC97 Audio and Modem Codec
WM9704CFT/V WOLFSON-WM9704CFT/V Datasheet
271Kb / 35P
4-Channel Surround Sound Codec
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
AMC97 Audio and Modem Codec
More results

Similar Description - WM9701A

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
AC97 Revision 2.1 Audio Codec
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
AC97 Revision 2.1 Audio Codec
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
AC97 AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
AK4545 AKM-AK4545 Datasheet
363Kb / 33P
AC97 AUDIO CODEC WITH SRC AND DIT
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
AC97 Rev2.1 Audio CODEC with SRC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com